Part Number Hot Search : 
MM74HC 21A180 5KP180CA S14045G 74HCT401 C3528 R2009 RSH070
Product Description
Full Text Search
 

To Download 20-101-1235 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rabbit.com application highlight features and benefts development kit overview remote server hern et t h ethernet or r concentrato c conc o oncentra c concentr r oncentrato or c concentrator 3 s 2 2 2 rs 3 3 3 s 2 2 2 2 2 rs 2 3 3 2 2 2 r rs 3 2 rs-232 light ontro c contro g t c light control box refrigerator gerator refri refrigerator 1 - h o u r p h o t o 1 - h o u r p h o t o g r o c e r y m a r t g r o c e r y m a r t p h ar m a c y p h ar m a c y rs-485 rs-485 gpr module gprs module minicore rcm570 0 minicore ? rcm5700 rabbit? 5000 air conditioning rs-232 rs-232 rs s -2 -2 32 2 r rs 2 2 3 32 2 rs-232 ? 10/100base-t ethernet ? up to 640 kb sr am fo r da ta, 1 mb fl ash me mory fo r program stor age, 2 mb serial flash for mass stor age ? up to 32 gpio lines and 6 serial por ts ? serial to ethernet bridge ? embedded web serv er, remote firm ware upda te, open sourc e co de and ro yalty free ? cost-competitive embedded solution ? quick time to mark et the minicore rcm5700 family offers an integrated software and hardware platform that can shorten your design cycle from years to months. rcm5750 and rcm5760 allow datalogging capabilites with increased memory options. with six serial ports, four configurable as spi, the rcm5700 can easily embed into any existing or new design and is pin- compatible with current and future minicore products, such as minicores offering wi-fi 802.11b/g. the embedded web server offers an added level of control and monitoring for todays intensive applications. to evaluate and learn more about the minicore rcm5700, please visit www.rabbit.com/products/rcm5700/ . the minicore rcm5700 offers a low -cost, ultra- compact, pin-compatible ethernet con trol and communic ations solution for your embedded design. ultra-compact serial to ethernet module minicore? rcm5700 module $ 99 this affordable development kit includes everything you need to get started. standard development kit ideal applications : remote energy management, security and surveillance, building automation, gaming (player tracking), test and measurement equipment
software the dynamic c? integrated development environment reduces the time and effort to write real-time software for embedded systems that use a rabbit? microprocessor, enabling easy development of a wide range of applications. rabbit integrates editing, compiling, linking, loading and debugging into a single development environment as one function. there are no compatibility issues when moving from one stage to another. once the design is complete, you can debug it on the target hardware and see how your code works. because it is a dialect of c, the dynamic c language has all the statements and constructions of traditional c, plus extensions that make it easier to write reliable, real-time multi- tasking software. the dynamic c integrated development environment allows for easy hardw are migration, moving from a single-board computer to chip level production. dynamic c also includes highly useful software components that can add functionality and value to your applications. this functionality includes web server capability, filing system, remote firmware updates, and wired and wireless security. compatible software components are listed below. component description rabbitweb system of html tags used to easily create web interfaces to monitor and control embedded applications remote program upd ate (r pu) allows for remote frmware updates from anywhere in the world using an internet connection file allocation ta ble (f at ) popular network-accessible fle system for fashed based memories secure sockets la yer (s sl) / tr ansport layer security (t ls) the industry standard for web security in embedded applications advanced en cryption st andard (a es) 128-bit encryption for transferring sensitive data software components fat aes rabbitweb rpu ssl
www.rabbit.com standard development kit deluxe development kit the standard and deluxe development kits provide the essential tools needed to design your own microprocessor-based system. the standard ki t in cludes: ? rcm5700 mo dule ? interface bo ard wi th st andofs/connectors ? prototyping bo ard wi th st andofs/connectors ? usb cable to pr ogram rcm 5700 vi a in terface bo ard ? dynamic c cd -rom, in cluding pr oduct do cumentation on disk ? getting started in structions ? registration ca rd the deluxe de velopment ki t in cludes ev erything in th e standard development ki t, pl us th e fo llowing it ems: ? universal ac ad apter, 5 v dc , 2 a (i ncludes ca nada/japan/ u.s., australia/n.z., u. k., an d eu ropean st yle pl ugs) development ki ts so ld in no rth am erica ma y co ntain an ac adapter wi th on ly a no rth am erican st yle pl ug ? digital i/o an d se rial co mmunication ac cessory bo ards fo r use with certain sample programs ? cat 5/6 ethernet ca ble an d db -9 to 10 -pin he ader serial cable ? rabbit 5000 pr ocessor ea sy re ference po ster minicore? rcm5700 dev elopment kits
minicore? rcm5700 specifications 91001511 b3/210 rabbit? 2900 spaford street davis, ca 95618 usa tel 1.888.411.7228 tel 530.757.8400 f ax 530.757.8402 copyright? 2009-2010, rabbit. all rights reserved. rabbit is a digi international brand. rabbit , dynamic c and minicore are trademarks or registered trademarks of digi international inc. in the united states and other countries worldwide. all other trademarks are the property of their respective owners. all information provided is subject to change without notice. features rcm5700 rcm5710 rcm5750 rcm5760 microprocessor rabbit? 5000 at 50 mhz connectivity 10/100base-t (ethernet signals only) 10/100base-t w/rj-45 connector 10/100base-t (ethernet signals only) 10/100base-t w/rj-45 connector flash memory (code) 1 mb parallel fash sram (data) 128k internal to rabbit 5000 128k internal to rabbit 5000; 512k external fast sram battery-backable sram (data) none mass storage option none 2 mb serial fash backup battery connection for user-supplied backup battery (to be used for rtc) none general purpose i/o up to 32 parallel digital i/o serial ports 6 high-speed, cmos-compatible ports: ? all 6 confgurable as asynchronous (with irda), 4 as clocked serial (spi), and 2 as sdlc/hdlc ? 1 asynchronous clocked serial port shared with programming port serial rate max. async = clk/8, max. sync = clk/2 slave interface slav e port allows the rcm5700 to be used as an intelligent peripheral device slaved to a master processor real-time clock yes yes (no battery backup) timers ten 8-bit timers (6 cascadable from the frst), one 10-bit timer with 2 match registers, and one 16-bit timer with 4 outputs and 8 set/reset registers watchdog/supervisor yes pulse-width modulators 4 channels synchronized pwm with 10-bit counter 4 channels variable-phase or synchronized pwm with 16-bit counter power 3.15 - 3.45v dc 70 ma @ 3.3v (typical without ethernet) 200 ma @ 3.3v (typical with ethernet) operating temperature -40 c to +85 c humidity 5% to 95% non-condensing connectors edge connectors for 52-pin mini pci express socket edge connectors for 52-pin mini pci express socket rj45 (ethernet) edge connectors for 52-pin mini pci express socket edge connectors for 52-pin mini pci express socket , rj45 (ethernet) board size 1.20 2.00 0.12 (30 mm 51 mm 3mm) pricing (qty. 1/100) part number $35/$29.50 20-101-1235 $45/$39.50 20-101-1300 $45/$39.50 20-101-1306 $55/$49.50 20-101-1307 standard development kit part number $99 101-1274 deluxe development kit part number $199 101-1275                                                                                                                                            
   
   
   
   
      
   
  
   
   
   
   
   
  
   
  
  
  
   
   
   
   
   
                                                                                                                                           
   
   
   
   
      
   
  
   
   
   
   
   
  
   
  
  
  
   
   
   
   
   
                                                                                                                                           
   
   
   
   
      
   
  
   
   
   
   
   
  
   
  
  
  
   
   
   
   
   


▲Up To Search▲   

 
Price & Availability of 20-101-1235

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X